PART |
Description |
Maker |
CY4615 |
EZ-USB AT2 USB 2.0 to ATA/ATAPI Bridge EZ-USB AT2⑩ USB 2.0 to ATA/ATAPI Bridge
|
Cypress Semiconductor
|
GL830-MSGXX GL830-MXGXX GL830-MNGXX |
USB 2.0 to SATA Bridge Controller USB 2.0至SATA桥控制器
|
Genesys Logic, Inc.
|
CY7C68300A-56LFC CY7C68300A-56LFXC CY7C68300A-56PV |
EZ-USB AT2?/a> USB 2.0 To ATA/ATAPI Bridge EZ-USB AT2 USB 2.0 To ATA/ATAPI Bridge
|
Cypress Semiconductor
|
9681681000 |
?USB1.1/ IEEE1284 Compliant
|
AAEON Technology
|
STM32F103RG STM32F103RF STM32F103RGT6 STM32F103VF |
Mainstream Performance line, ARM Cortex-M3 MCU with 1 Mbyte Flash, 72 MHz CPU, motor control, USB and CAN XL-density performance line ARM-based 32-bit MCU with 768 KB to 1 MB Flash, USB, CAN, 17 timers, 3 ADCs, 13 communication interfaces Mainstream Performance line, ARM Cortex-M3 MCU with 768 Kbytes Flash, 72 MHz CPU, motor control, USB and CAN
|
ST Microelectronics STMicroelectronics
|
U040-06N-MIC-F |
USB 2.0 Hi-Speed Adapter Cable, USB Type-C (USB-C) Male to USB Micro-B Female), 6-in.
|
Tripp Lite. All Rights ...
|
VSSX1284 |
28 pin RCD Port terminator per IEEE1284
|
Vishay
|
IRS27952 IRS27951SPBF IRS279524SPBF IRS279524STRPB |
Programmable minimum and maximum switching frequency RESONANT HALF-BRIDGE CONVERTER CONTROL IC RESONANT HALF-BRIDGE CONVERTER CONTROL IC
|
International Rectifier
|
CYWB0224ABM-BVXI CYWB0224ABS-BVXI CYWB0226ABM-BVXI |
SPECIALTY MICROPROCESSOR CIRCUIT, PBGA100 6 X 6 MM, 1 MM HEIGHT, LEAD FREE, MO-195C, VFBGA-100 West Bridge(R): Astoria(TM) USB and Mass Storage Peripheral Controller.; Clock Input Freq.: 19.2, 24, 26, 48 MHz; Interfaces Supported: HS-USB, SLC NAND, Dual-SD/MMC ; SPECIALTY MICROPROCESSOR CIRCUIT, PBGA100 Bridge IC; Clock Input Freq.: 19.2, 24, 26, 48 MHz; Interfaces Supported: HS-USB, SLC NAND, Dual-SD/MMC ; SPECIALTY MICROPROCESSOR CIRCUIT, PBGA100
|
Cypress Semiconductor, Corp.
|
74LVC161284TTR 74LVC161284 |
LOW VOLTAGE HIGH SPEED IEEE1284 TRANSCEIVER
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
VGOB36-08IO7 VGOB36-12IO7 VGOB36-14IO7 VGOB36-16IO |
Single Phase Rectifier Bridge 31 A, 1600 V, SCR Single Phase Rectifier Bridge 31 A, 1400 V, SCR Single Phase Rectifier Bridge 31 A, 1200 V, SCR Power Modules/Rectifier Bridge Modules: Single Phase Half-control Bridges / Single Phase, Full-control Rectifier Bridges
|
IXYS, Corp. IXYS Corporation
|
AT76C713_04 |
USB BRIDGE CONTROLLER
|
ATMEL[ATMEL Corporation]
|